Electronic Components Datasheet Search
  English  ▼

X  

KRA101S Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KRA101S
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA101S Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KRA101S Datasheet HTML 1Page - KEC(Korea Electronics) KRA101S Datasheet HTML 2Page - KEC(Korea Electronics) KRA101S Datasheet HTML 3Page - KEC(Korea Electronics) KRA101S Datasheet HTML 4Page - KEC(Korea Electronics) KRA101S Datasheet HTML 5Page - KEC(Korea Electronics) KRA101S Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2003. 11. 4
5/6
KRA101S~KRA106S
Revision No : 3
I
- V
I(OFF)
INPUT OFF VOLTAGE V
(V)
-0.6
-30
I(OFF)
INPUT OFF VOLTAGE V
(V)
O
I(OFF)
I
- V
O
I(OFF)
I
- V
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
O
I(OFF)
I
- V
O
I(OFF)
I
- V
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
O
I(OFF)
I
- V
O
I(OFF)
-50
-100
-300
-500
-1k
-3k
-5k
-10k
KRA101S
V =-5V
O
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-1.0
-1k
-50
-30
-100
-300
-500
-0.8
-10k
-5k
-3k
V =-5V
KRA103S
O
-1.8
-1.4
-1.2
-1.6
-2.0
-0.4
-1k
0
-50
-30
-100
-300
-500
-0.2
-10k
-5k
-3k
V =-5V
KRA105S
O
-1.2
-0.8
-0.6
-1.0
-1.4
-0.4
-1.0
0
-30
-0.2
KRA106S
-500
-300
-100
-50
-10k
-3k
-1k
-5k
V =-5V
O
-100
-30
-50
-0.8
-1.2
-0.8
-0.6
-1.0
-1.4
-1.8
-1.4
-1.2
-1.6
-2.0
-1.0
-1k
-3k
-500
-300
-1k
-10k
-5k
KRA104S
V =-5V
O
-0.6
-50
-30
-100
-300
-500
-0.8
-10k
-5k
-3k
V =-5V
KRA102S
O
-1.8
-1.4
-1.2
-1.6
-2.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com