Electronic Components Datasheet Search
  English  ▼

X  

DS8007 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS8007
Description  Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8007 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS8007_11 Datasheet HTML 1Page - Maxim Integrated Products DS8007_11 Datasheet HTML 2Page - Maxim Integrated Products DS8007_11 Datasheet HTML 3Page - Maxim Integrated Products DS8007_11 Datasheet HTML 4Page - Maxim Integrated Products DS8007_11 Datasheet HTML 5Page - Maxim Integrated Products DS8007_11 Datasheet HTML 6Page - Maxim Integrated Products DS8007_11 Datasheet HTML 7Page - Maxim Integrated Products DS8007_11 Datasheet HTML 8Page - Maxim Integrated Products DS8007_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Multiprotocol Dual Smart Card Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +3.3V, VDDA = +3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VDD Relative to Ground ...........-0.5V to +6.5V
Voltage Range on VDDA Relative to Ground .........-0.5V to +6.5V
Voltage Range on Any Pin Relative to Ground
Pins CPA1, CPA2, CPB1, CPB2, and VUP .........-0.5V to +7.5V
All Other Pins...........................................-0.5V to (VDD + 0.5V)
Maximum Junction Temperature .....................................+150°C
Continuous Power Dissipation (TA = +70°C)
LQFP Multilayer Board
(derate 22mW/°C above +70°C) .................................1782mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Supply Voltage
VDD
2.7
6.0
V
Step-Up Converter Supply
Voltage
VDDA
VDD
6.0
V
Cards Inactive
fXTAL = 0MHz
0.9
Power-Down
VDD Current
Cards Active
IPD
fXTAL = 0MHz, fCLK = 0MHz, VCCx = 5V
2.2
mA
Sleep Mode VDD Current
(Cards Active)
ISTOP
fCLK = 0MHz, VCCx = 5V
24
mA
Active VDD Current
5V Cards
IDD
3x VDD step-up:
ICCA + ICCB = 80mA, VDD = 2.7V,
fXTAL = 20MHz, fCLK = 10MHz
325
mA
2x VDD step-up:
ICCA + ICCB = 80mA, fXTAL = 20MHz,
fCLK = 10MHz, VDD = 2.7V
225
Active VDD Current
3V Cards
IDD
No step-up:
ICCA + ICCB = 80mA, fXTAL = 20MHz,
fCLK = 10MHz, VDD = 5V
120
mA
VRST
Threshold voltage (falling)
2.1
2.5
V
Power-Fail Reset Voltage
VHYS
Hysteresis
50
170
mV
Reset
Threshold
VDRST
1.25
Output Voltage
VDO
VDD +
0.3
V
VDELAY = 0V
-2
μA
Output Current
IDO
VDELAY = VDD
+2
mA
Delay Pin
Output
Capacitance
CDO
1
nF
RSTOUT PIN
Output High Voltage
VOHRSTO
IOH = -1mA
0.8 x
VDD
VDD +
0.3
V
Output Low Voltage
VOLRSTO
IOL = 2mA
-0.3
+0.4
V
Leakage Current
IL
VOL = 0V, VOH = 5V
-10
+10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com