Electronic Components Datasheet Search
  English  ▼

X  

DS9490B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS9490B
Description  USB to 1-Wire/iButton Adapters High-Speed 12Mbps Universal Serial Bus (USB) Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9490B Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS9490B Datasheet HTML 1Page - Maxim Integrated Products DS9490B Datasheet HTML 2Page - Maxim Integrated Products DS9490B Datasheet HTML 3Page - Maxim Integrated Products DS9490B Datasheet HTML 4Page - Maxim Integrated Products DS9490B Datasheet HTML 5Page - Maxim Integrated Products DS9490B Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS9490R/DS9490B
2 of 6
Figure 1. DS9490R
Figure 2. DS9490B
*Note: To eject an iButton, insert a straightened paper clip into the side access hole of the DS9490B. Push
the paper clip in the direction of the iButton. A different iButton can then be inserted. The data
contact faces down and away from the embossed ‘i’. Before inserting the paper clip disconnect the
DS9490B from the USB bus.
Each USB bridge contains a unique built-in identification chip. The identification chip is a custom DS2401
that is a 64-bit ID number (see Figure 3).
Figure 3. DS2401 ID CHIP 64-BIT LASERED ROM
MSB
LSB
8-BIT
CRC CODE
12-BIT
FIXED
(000h)
36-BIT SERIAL
NUMBER
8-BIT FAMILY
CODE (81h)
MSB
LSB
MSB
LSB MSB
LSB MSB
LSB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com