Electronic Components Datasheet Search
  English  ▼

X  

2N5151 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N5151
Description  Type 2N5151 Geometry 9702 Polarity PNP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5151 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N5151 Datasheet HTML 1Page - Semicoa Semiconductor 2N5151 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N5151
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 100 mA, IB = 0, pulsed
Base-Emitter Cutoff Current
VEB = 4 V, IC = 0
IEBO1
---
1.0
µA
VEB = 5.5 V, IC = 0
IEBO2
---
1.0
mA
Collector-Emitter Cutoff Current
VCE = 60 V, VBE = 0
ICES1
---
1.0
µA
VCE = 100 V, VBE = 0
ICES2
---
1.0
mA
VCE = 40 V, IB = 0
ICEO
---
50
µA
VCE = 60 V, VBE = +2 V, TC = 150
oC
ICEX
---
500
µA
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V(BR)CBO
80
---
ON Characteristics
Symbol
Min
Max
Unit
Forward Current Transfer Ratio
IC = 50 mA, VCE = 5 V
hFE1
20
---
---
IC = 2.5 A, VCE = 5 V, pulsed
hFE2
30
90
---
IC = 5.0 A, VCE = 5 V, pulsed
hFE3
20
---
---
IC = 2.55 A, VCE = 5 V pulsed, TC = -55
oC
hFE4
15
---
---
Base-Emitter Voltage, Nonsaturted
VCE = 5 V, IC = 2.5 A, pulsed
VBE
---
1.45
V dc
Base-Emitter Saturation Voltage
IC = 2.5 A, IB = 250 mA, pulsed
VBE(sat)1
---
1.45
V dc
IC = 5 A, IB = 500 mA, pulsed
VBE(sat)2
---
2.2
V dc
Collector-Emitter Saturation Voltage
IC = 2.5 A, IB = 250 mA, pulsed
VCE(sat)1
---
0.75
V dc
IC = 5 A, IB = 500 mA, pulsed
VCE(sat)2
---
1.5
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter Small Signal
Short Circuit Forward Current Transfer Ratio
VCE = 5 V, IC = 500 mA, f = 10 MHz
Common Emitter, Small Signal Short Circuit
Forward Current Transfer Ratio
VCE = 5 V, IC = 100 mA, f = 1 kHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, f = 1 MHz
hfe
20
---
---
COBO
---
250
pF
---
|hfe|
6.0
---
Switching Time
Symbol
Min
Max
Unit
Delay Time
IC = 5 A, IB1 = 500 mA
Storage Time
IB2 = -500 mA
Fall Time
VBE(off) = 3.7 V
Turn-Off Time
RL = 6 ohms
µs
tON
---
0.5
ts
---
1.4
µs
0.5
µs
tOFF
---
1.5
µs
tf
---



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com