Electronic Components Datasheet Search
  English  ▼

X  

2N5152 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N5152
Description  Type 2N5152 Geometry 9201 Polarity NPN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5152 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N5152 Datasheet HTML 1Page - Semicoa Semiconductor 2N5152 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N5152
Geometry 9201
Polarity NPN
Qual Level: JAN - JANS
Data Sheet No. 2N5152
Generic Part Number:
2N5152
REF: MIL-PRF-19500/544
Features:
• Silicon power transistor for use in
high speed switching applications.
• Housed in a TO-39 case.
• Also available in chip form using
the 9201 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/544 which
Semicoa meets in all cases.
Rating
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
80
V
Collector-Base Voltage
VCBO
100
V
Emitter-Base Voltage
VEBO
5.5
V
Collector Current, Continuous
IC
2
A
Collector Current, PW < 8.3 ms, < 1% duty cycle
IC
10
A
Reverse Pulse Energy
15
mJ
Power Disipation TA = 25
oC ambient
1.0
Watt
Derate above 25
oC
5.7
mW/
oC
Operating Junction Temperature
TJ
-65 to +200
oC
Storage Temperature
TSTG
-65 to +200
oC
Maximum Ratings
TC = 25
oC unless otherwise specified
PT
TO-39


Similar Part No. - 2N5152

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5152 SEME-LAB-2N5152 Datasheet
24Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
logo
Semicoa Semiconductor
2N5152 SEMICOA-2N5152 Datasheet
33Kb / 1P
Chip Type 2C5154 Geometry 9201 Polarity NPN
logo
Central Semiconductor C...
2N5152 CENTRAL-2N5152 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5152 ETC1-2N5152 Datasheet
93Kb / 2P
COLLECTOR CURRENT = 10 AMPS NPN TYPES
logo
Microsemi Corporation
2N5152 MICROSEMI-2N5152 Datasheet
68Kb / 2P
NPN POWER SILICON TRANSISTOR
More results

Similar Description - 2N5152

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2C5154 SEMICOA-2C5154 Datasheet
33Kb / 1P
Chip Type 2C5154 Geometry 9201 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
Type 2N2857 Geometry 0011 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
Type 2N3019 Geometry 4500 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
Type 2N3500 Geometry 5620 Polarity NPN
2N4150 SEMICOA-2N4150 Datasheet
47Kb / 2P
Type 2N4150 Geometry 9201 Polarity NPN
2N4150S SEMICOA-2N4150S Datasheet
48Kb / 2P
Type 2N4150S Geometry 9201 Polarity NPN
2N5152L SEMICOA-2N5152L Datasheet
59Kb / 2P
Type 2N5152L Geometry 9201 Polarity NPN
2N5154 SEMICOA-2N5154 Datasheet
60Kb / 2P
Type 2N5154 Geometry 9201 Polarity NPN
2N5154L SEMICOA-2N5154L Datasheet
59Kb / 2P
Type 2N5154L Geometry 9201 Polarity NPN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com