Electronic Components Datasheet Search
  English  ▼

X  

2N5237 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N5237
Description  Type 2N5237 Geometry 3111 Polarity NPN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5237 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N5237 Datasheet HTML 1Page - Semicoa Semiconductor 2N5237 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N5237
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 0.1 A, pulsed
Emitter-Base Breakdown Voltage
IE = 10 µA
Collector-Emitter Cutoff Current
VCE = 110 V
ICEO1
---
10
µA
VBE = 0.5 V, VCE = 150 V
ICEX
---
10
µA
VBE = -0.5 V, VCE = 150 V, TC = +150oC
ICEX2
---
100
µA
Base-Emitter Cutoff Current
VEB = 5 V
IEBO
---
0.1
µA
Collector-Base Cutoff Current
VCB = 80 V
ICBO
---
0.1
µA
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V(BR)CBO
150
---
V(BR)CEO
120
V
V(BR)EBO
7.0
---
V
ON Characteristics
Symbol
Min
Max
Unit
Forward Current Transfer Ratio
IC = 1 A, VCE = 5 V, pulsed
hFE1
50
225
---
IC = 5 A, VCE = 5 V, pulsed
hFE2
40
120
---
IC = 10 A, VCE = 5 V
hFE3
10
---
---
IC = 5 A, VCE = 5 V, TC = -55
oC
hFE4
20
---
---
Base-Emitter Saturation Voltage
IC = 5 A, IB = 0.5 A, pulsed
VBE(sat)1
---
1.5
V dc
IC = 10 A, IB = 1 A, pulsed
VBE(sat)2
---
2.5
V dc
Collector-Emitter Saturation Voltage
IC = 5 A, IB = 0.5 A, pulsed
VCE(sat)1
---
0.6
V dc
IC = 10 A, IB = 1 A, pulsed
VCE(sat)2
---
2.5
V dc
Safe Operating Area, Continuous DC
TC = 25
oC, t = 1.0 s
VCE = 40 V, IC = 0.22 A
VCE = 70 V, IC = 90 mA
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter Small Signal
Short Circuit Forward Current Transfer Ratio
VCE = 10 V, IC = 0.2 A, f = 10 MHz
Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 10 V, IC = 50 mA, f = 1 kHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
hfe
40
160
---
COBO
---
350
pF
---
|hfe|
1.5
7.5
Switching Time
Symbol
Min
Max
Unit
Delay Time
Per figure 4, MIL-PRF-19500/394C
Rise Time
Per figure 4, MIL-PRF-19500/394C
Storage Time
Per figure 4, MIL-PRF-19500/394C
Fall Time
Per figure 4, MIL-PRF-19500/394C
1.5
ns
tf
---
50
ns
ts
---
tr
---
500
ns
ns
td
---
50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com