Electronic Components Datasheet Search
  English  ▼

X  

2N6987 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N6987
Description  Type 2N6987 Geometry 0600 Polarity PNP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N6987 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N6987 Datasheet HTML 1Page - Semicoa Semiconductor 2N6987 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N6987
OFF Characteristics
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 10 mA
Emitter-Base Breakdown Voltage
IE = 10 µA, pulsed
Collector-Base Cutoff Current
VCB = 50 V
Emitter-Base Cutoff Current
VEB = 3.5 V
nA
nA
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
V(BR)CBO
60
---
100
V(BR)CEO
60
---
70
V(BR)EBO
5.0
---
9.0
IEBO
---
50
0.1
ICBO1
---
10
0.25
ON Characteristics
Symbol
Min
Typ
Max
Unit
DC Current Gain
IC = 100 µA, VCE = 10 V
hFE1
75
225
---
---
IC = 1.0 mA, VCE = 10 V
hFE2
100
250
450
---
IC= 10 mA, VCE = 10 V
hFE3
100
---
---
---
IC= 150 mA, VCE = 10 V (pulse test)
hFE4
100
180
300
---
IC= 500 mA, VCE = 10 V (pulse test)
hFE5
50
80
---
---
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VCE(sat)1
---
0.18
0.4
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VCE(sat)2
---
0.5
1.6
V dc
Base-Emitter Saturation Voltage
IC= 150 mA, IB = 15 mA (pulse test)
VBE(sat)1
---
0.87
1.3
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VBE(sat)2
---
1.0
2.6
V dc
Small Signal Characteristics
Symbol
Min
Typ
Max
Unit
Short Circuit Forward Current Transfer Ratio
IC = 1 mA, VCE = 10 V, f = 1kHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0 V, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 2.0 V, IC = 0, 100 kHz < f < 1 MHz
pF
AC hFE
100
250
---
CIBO
---
8.0
30
---
pF
COBO
---
6.0
8.0
Switching Characteristics
Symbol
Min
Typ
Max
Unit
Saturated Turn On Switching Time to 90%
16V, 50 ohm input pulse
Saturated Turn Off Switching Time to 10%
16V, 50 ohm input pulse
ns
tOFF
---
200
300
ns
tON
---
25
45



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com