Electronic Components Datasheet Search
  English  ▼

X  

MP2B5085 Datasheet(PDF) 2 Page - Fuji Electric

Part # MP2B5085
Description  A multi chip power device for a Multi-Oscillated Current Resonant type Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MP2B5085 Datasheet(HTML) 2 Page - Fuji Electric

  MP2B5085 Datasheet HTML 1Page - Fuji Electric MP2B5085 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009-4
Information in this catalog is subject to change without notice.
■Comparison of external components
■Power Efficiency Characteristic
■Input power in the stand-by mode
■Outline Figure
■Pin assignment
Pin
Symbol
Function
4.5
S1
MOSFET (Q1) source
6
IS
Current detection
8
VOC
Power supply
9
GND GND
10
VREF Reference voltage output
11
FB
Input feedback signal for constant voltage control
12
CS
Select the Soft-start duration
13
BO
Brown out detection
14
VW
Q1 turn-on and off timing detection
16
VH
Start-uP Circuit
18,19
D1,S2 Q1 drain
Q2 source
20
G2
Q2 gate
22,23
D2
Q2 drain
17 parts eliminated in total
* Comparison of primary-side circuit of our demo board
Output power vs efficiency characteristic
DC/DC
95.3%(Input:385Vdc, Output:24Vdc)
PFC+DC/DC
88.4%(AC100V, Output:24Vdc)
90.7%(AC200V, Output:24Vdc)
Standby output power vs input power characteristic
PFC+DC/DC 0.5W and below (AC240V, Output:No load)
0.8W and below (AC240V, Output:0.2W)
* Board with PFC (PFC is stopped in standby mode)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com