Electronic Components Datasheet Search
  English  ▼

X  

MS862C08 Datasheet(PDF) 4 Page - Fuji Electric

Part # MS862C08
Description  Low IR Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MS862C08 Datasheet(HTML) 4 Page - Fuji Electric

  MS862C08 Datasheet HTML 1Page - Fuji Electric MS862C08 Datasheet HTML 2Page - Fuji Electric MS862C08 Datasheet HTML 3Page - Fuji Electric MS862C08 Datasheet HTML 4Page - Fuji Electric MS862C08 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
MS862C08 (80V, 10A)
5
http://www.fujisemi.com
FUJI Diode
10
-2
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
Rth(j-c):3.0°C/W
Transient Thermal Impedance (max.)
t
Time (sec)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com