Electronic Components Datasheet Search
  English  ▼

X  

B1634 Datasheet(PDF) 3 Page - EPCOS

Part # B1634
Description  SAW RF low loss filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1634 Datasheet(HTML) 3 Page - EPCOS

  B1634 Datasheet HTML 1Page - EPCOS B1634 Datasheet HTML 2Page - EPCOS B1634 Datasheet HTML 3Page - EPCOS B1634 Datasheet HTML 4Page - EPCOS B1634 Datasheet HTML 5Page - EPCOS B1634 Datasheet HTML 6Page - EPCOS B1634 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
September 16, 2008
B1634
1400.0 MHz
SAW Components
SAW RF low loss filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= +25 ˚C + 2˚C
Terminating source impedance:
ZS = 200 Ω and matching network
Terminating load impedance:
ZL =75 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
1400.0
—
MHz
Insertion attenuation
α
0
at 1400.0 MHz
—
2.1
2.5
dB
Pass bandwidth
α
rel < 1.0 dB
B1 dB
—
53.0
—
MHz
Amplitude ripple (p-p)
∆α
1378.0
... 1422.0
MHz
—
0.8
1.0
dB
1376.0
... 1423.9
MHz
—
1.1
1.3
dB
Group delay ripple (p-p)
∆τ
1381.2
... 1418.7
MHz
—
8.0
12.0
ns
Relative attenuation (relative to
α
0 )
α
rel
0.3
...
862.0
MHz
60.0
70.0
—
dB
862.0
... 1308.1
MHz
50.0
55.0
—
dB
1492.2
... 1608.4
MHz
33.0
39.0
—
dB
1608.4
... 2000.0
MHz
50.0
55.0
—
dB
2000.0
... 2500.0
MHz
40.0
50.0
—
dB
2500.0
... 3500.0
MHz
30.0
42.0
—
dB
Common Mode Rejection Ratio (CMRR)
1376.0
... 1423.9
MHz
20.0
33.0
—
dB
Input VSWR
1376.0
... 1423.9
MHz
—
1.9
2.2
Output VSWR
1376.0
... 1423.9
MHz
—
1.9
2.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com