Electronic Components Datasheet Search
  English  ▼

X  

B1646 Datasheet(PDF) 3 Page - EPCOS

Part # B1646
Description  SAW RF low loss filter Digital radio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1646 Datasheet(HTML) 3 Page - EPCOS

  B1646 Datasheet HTML 1Page - EPCOS B1646 Datasheet HTML 2Page - EPCOS B1646 Datasheet HTML 3Page - EPCOS B1646 Datasheet HTML 4Page - EPCOS B1646 Datasheet HTML 5Page - EPCOS B1646 Datasheet HTML 6Page - EPCOS B1646 Datasheet HTML 7Page - EPCOS B1646 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 25, 2010
B1646
2326.25 MHz
SAW Components
SAW RF low loss filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
2326.25
—
MHz
Maximum insertion attenuation
α
max
2320.0
... 2332.5
MHz
—
2.5
3.5
dB
Amplitude ripple (p-p)
∆α
2320.0
... 2332.5
MHz
—
0.6
1.5
dB
Input return loss
10.0
16.0
—
dB
Output return loss
10.0
15.0
—
dB
Attenuation
α
50.0
... 2175.0
MHz
27
34
—
dB
2227.0
MHz
19
26
—
dB
2400.0
MHz
12
18
—
dB
2500.0
MHz
23
29
—
dB
2700.0
... 3000.0
MHz
27
34
—
dB
Group delay ripple (p-p)
2320.0
... 2332.5
MHz
—
5
15
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com