Electronic Components Datasheet Search
  English  ▼

X  

B1647 Datasheet(PDF) 3 Page - EPCOS

Part # B1647
Description  SAW filter Satellite radio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1647 Datasheet(HTML) 3 Page - EPCOS

  B1647 Datasheet HTML 1Page - EPCOS B1647 Datasheet HTML 2Page - EPCOS B1647 Datasheet HTML 3Page - EPCOS B1647 Datasheet HTML 4Page - EPCOS B1647 Datasheet HTML 5Page - EPCOS B1647 Datasheet HTML 6Page - EPCOS B1647 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
May 11, 2010
B1647
1472.00 MHz
SAW Components
SAW filter
Datasheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –10 ˚C to +70 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 100 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
1472.00
—
MHz
Maximum insertion attenuation
α
max
1452.0
... 1492.0
MHz
—
3.0
3.5
dB
Amplitude ripple (p-p)
∆α
1452.0
... 1492.0
MHz
—
0.7
1.8
dB
Input return loss
10
13
—
dB
Output return loss
912
—
dB
Attenuation
α
880.0
...
915.0
MHz
47
51
—
dB
1410.0
MHz
30
38
—
dB
1530.0
... 1570.0
MHz
30
36
—
dB
1575.0
MHz
34
38
—
dB
1710.0
... 1785.0
MHz
34
38
—
dB
1920.0
... 1980.0
MHz
34
38
—
dB
2400.0
... 2500.0
MHz
30
34
—
dB
Group delay ripple (p-p)
1452.0
... 1492.0
MHz
—
12
25
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com