Electronic Components Datasheet Search
  English  ▼

X  

B1658 Datasheet(PDF) 3 Page - EPCOS

Part # B1658
Description  SAW RF low loss filter Satellite CSS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1658 Datasheet(HTML) 3 Page - EPCOS

  B1658 Datasheet HTML 1Page - EPCOS B1658 Datasheet HTML 2Page - EPCOS B1658 Datasheet HTML 3Page - EPCOS B1658 Datasheet HTML 4Page - EPCOS B1658 Datasheet HTML 5Page - EPCOS B1658 Datasheet HTML 6Page - EPCOS B1658 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
January 15, 2010
B1658
1688.42 MHz
SAW Components
SAW RF low loss filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =150 Ω (balanced) and matching network
Terminating load impedance:
ZL = 150 Ω (balanced) and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
1688.42
—
MHz
Maximum insertion attenuation
α
max
1668.42 ... 1708.42 MHz
—
3.2
5.0
dB
Pass bandwidth
α
rel < 1.5 dB
B1.5 dB
—
61.8
—
MHz
Amplitude ripple (p-p)
∆α
1668.42 ... 1708.42 MHz
—
1.2
2.0
dB
Input return loss
8.0
13.0
—
dB
Output return loss
8.0
13.0
—
dB
Group delay ripple (p-p)
∆τ
1668.42 ... 1708.42 MHz
—
15.0
40.0
ns
Differential to common mode ratio
(|Sdd21/Scd21|)
1668.42 ... 1708.42 MHz
22.0
30.0
—
dB
Deviation from linear phase (rms)
in any 30 MHz band
1668.42 ... 1708.42 MHz
—
5.0
8.0
˚
Relative attenuation
α
50.00 ... 1606.36 MHz
40.0
44.0
—
dB
1770.48 ... 2000.00 MHz
36.0
42.0
—
dB
2000.00 ... 6000.00 MHz
15.0
—
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com