Electronic Components Datasheet Search
  English  ▼

X  

KRC232S Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRC232S
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC232S Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRC232S Datasheet HTML 1Page - KEC(Korea Electronics) KRC232S Datasheet HTML 2Page - KEC(Korea Electronics) KRC232S Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 5. 14
3/3
KRC231S~KRC235S
Revision No : 3
1
30
10
3
1
COLLECTOR CURRENT I
(mA)
C
V
- I
h
- I
C
COLLECTOR CURRENT I
(mA)
0.1
1
FE
C
0.3
1
3
10
30
100
300
1k
3
10
30
100
300
1k
2k
COMMON EMITTER
V
=5V
Ta=25 C
CE
CE(sat)
C
100
300
1k
3
10
30
100
300
500
50
5
COMMON EMITTER
V
=5V
Ta=25 C
CE
I /I =20
C B
B
C
I /I =10
100
30
10
3
1
0.3
0.1
0.03
B
on
0.1
0.01
BASE CURRENT I
(mA)
B
R
- I
0.3
1
3
10
30
100
300
1k
f=1kHz
V
=0.3V
V
v
~
I =1mA
B
h
h
V
IN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com