Electronic Components Datasheet Search
  English  ▼

X  

KRC233S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRC233S
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC233S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRC233S Datasheet HTML 1Page - KEC(Korea Electronics) KRC233S Datasheet HTML 2Page - KEC(Korea Electronics) KRC233S Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 5. 14
2/3
KRC231S~KRC235S
Revision No : 3
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP. MAX. UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA
15
-
-
V
Collector-Base Breakdown Voltage
BVCBO
IC=50μA
30
-
-
V
Emitter-Base Breakdown Voltage
BVEBO
IE=50μA
5.0
-
-
V
Collector Cut-off Current
ICBO
VCB=30V
-
-
0.5
μA
Collector-Emitter Saturation Voltage
VCE(sat)
IC=50mA, IB=2.5mA
-
40
80
mV
DC Current Gain
hFE
VCE=5V, IC=50mA
200
350
800
-
Input Resistor
KRC231S
R1
-
2.2
-
kΩ
KRC232S
-
5.6
-
KRC233S
-
10
-
KRC234S
-
4.7
-
KRC235S
-
6.8
-
Transition Frequency
fT*
VCE=10V, IE=-50mA,
f=100MHz
-
200
-
MHz
On Resistance
Ron
f=1kHz, IB=1mA, VIN=0.3V
-
0.6
-
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com