Electronic Components Datasheet Search
  English  ▼

X  

MAX5035BASA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5035BASA
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035BASA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5035BASA Datasheet HTML 9Page - Maxim Integrated Products MAX5035BASA Datasheet HTML 10Page - Maxim Integrated Products MAX5035BASA Datasheet HTML 11Page - Maxim Integrated Products MAX5035BASA Datasheet HTML 12Page - Maxim Integrated Products MAX5035BASA Datasheet HTML 13Page - Maxim Integrated Products MAX5035BASA Datasheet HTML 14Page - Maxim Integrated Products MAX5035BASA Datasheet HTML 15Page - Maxim Integrated Products MAX5035BASA Datasheet HTML 16Page - Maxim Integrated Products MAX5035BASA Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
______________________________________________________________________________________
13
ground configuration). A ground plane is required.
Minimize lead lengths to reduce stray capacitance,
trace resistance, and radiated noise. In particular,
place the Schottky rectifier diode right next to the
device. Also, place BST and VD bypass capacitors
very close to the device. Use the PC board copper
plane connecting to VIN and LX for heatsinking.
MAX5035
GND
BST
LX
VIN
SGND
FB
D1
VD
L1
VOUT
VIN
CIN
0.1
µF
0.1
µF
COUT
R1
R2
ON/OFF
Figure 2. Fixed Output Voltages
VIN (V)
VOUT (V)
IOUT (A)
EXTERNAL COMPONENTS
7.5 to 76
3.3
0.5
7.5 to 76
3.3
1
CIN = 68µF, Panasonic, EEVFK2A680Q
COUT = 68µF, Vishay Sprague, 594D686X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 384k
Ω ±1%, 0805
D1 = 50SQ100, IR
L1 = 100µH, Coilcraft Inc., DO5022P-104
7.5 to 76
5
0.5
7.5 to 76
5
1
CIN = 68µF, Panasonic, EEVFK2A680Q
COUT = 68µF, Vishay Sprague, 594D68X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 384k
Ω ±1%, 0805
D1 = 50SQ100, IR
L1 = 100µH, Coilcraft Inc., DO5022P-104
15 to 76
12
1
CIN = 68µF, Panasonic, EEVFK2A680Q
COUT = 15µF, Vishay Sprague, 594D156X0025C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 139k
Ω ±1%, 0805
D1 = 50SQ100, IR
L1 = 220µH, Coilcraft Inc., DO5022P-224
Table 2. Typical External Components Selection (Circuit of Figure 2)
Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com