Electronic Components Datasheet Search
  English  ▼

X  

B1664 Datasheet(PDF) 3 Page - EPCOS

Part # B1664
Description  SAW RF low loss filter DAB
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1664 Datasheet(HTML) 3 Page - EPCOS

  B1664 Datasheet HTML 1Page - EPCOS B1664 Datasheet HTML 2Page - EPCOS B1664 Datasheet HTML 3Page - EPCOS B1664 Datasheet HTML 4Page - EPCOS B1664 Datasheet HTML 5Page - EPCOS B1664 Datasheet HTML 6Page - EPCOS B1664 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
September 09, 2010
B1664
1472.0 MHz
SAW Components
SAW RF low loss filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –40 ˚C ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
@25˚C
max.
Center frequency
fN
—
1472.0
—
MHz
Maximum insertion attenuation
α
max
1452.00
...1492.00 MHz
—
1.6
2.6
dB
Amplitude ripple in passband (p-p)
∆α
1452.00
...1492.00 MHz
—
0.8
1.6
dB
Input VSWR
—
1.7
2.1
Output VSWR
—
1.7
2.1
Attenuation
α
500.00
...1262.00 MHz
34.0
39.0
—
dB
1262.00
...1382.00 MHz
25.0
31.0
—
dB
1382.00
...1398.00 MHz
25.0
35.0
—
dB
1398.00
...1414.00 MHz
27.0
39.0
—
dB
1547.00
...1580.00 MHz
21.0
25.0
—
dB
1580.00
...2200.00 MHz
25.0
30.0
—
dB
Group delay ripple (p-p)
∆τ
1452.00
...1492.00 MHz
—
15
—
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com