Electronic Components Datasheet Search
  English  ▼

X  

MAX6895PAL Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6895PAL
Description  Ultra-Small, Adjustable Sequencing/Supervisory Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6895PAL Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6895PAL Datasheet HTML 1Page - Maxim Integrated Products MAX6895PAL Datasheet HTML 2Page - Maxim Integrated Products MAX6895PAL Datasheet HTML 3Page - Maxim Integrated Products MAX6895PAL Datasheet HTML 4Page - Maxim Integrated Products MAX6895PAL Datasheet HTML 5Page - Maxim Integrated Products MAX6895PAL Datasheet HTML 6Page - Maxim Integrated Products MAX6895PAL Datasheet HTML 7Page - Maxim Integrated Products MAX6895PAL Datasheet HTML 8Page - Maxim Integrated Products MAX6895PAL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Ultra-Small, Adjustable
Sequencing/Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 1.5V to 5.5V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V and TA = +25°C, unless
otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, ENABLE, ENABLE, IN....................................-0.3V to +6V
OUT,
OUT (push-pull) ................................-0.3V to (VCC + 0.3V)
OUT,
OUT (open-drain)..........................................-0.3V to +30V
CDELAY......................................................-0.3V to (VCC + 0.3V)
Output Current (all pins) ...................................................±20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin µDFN (derate 2.1mW/°C above +70°C)...........167.7mW
6-Pin Thin SOT23 (derate 9.1mW/°C above +70°C) ...727.3mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Operating Voltage Range
VCC
1.5
5.5
V
Undervoltage Lockout (Note 3)
UVLO
VCC falling
1.20
1.35
V
VCC Supply Current
ICC
VCC = 3.3V, no load
10
20
µA
IN
Threshold Voltage
VTH
VIN rising, 1.5V < VCC < 5.5V
0.491
0.5
0.509
V
Hysteresis
VHYST
VIN falling
5
mV
Input Current (Note 4)
IIN
VIN = 0V or VCC
-15
+15
nA
CDELAY
Delay Charge Current
ICD
200
250
300
nA
Delay Threshold
VTCD
CDELAY rising
0.95
1.00
1.05
V
CDELAY Pulldown Resistance
RCDELAY
130
500
Ω
ENABLE/
ENABLE
Input Low Voltage
VIL
0.4
V
Input High Voltage
VIH
1.4
V
Input Leakage Current
ILEAK
ENABLE, ENABLE = VCC or GND
-100
+100
nA
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four
layer board. For detailed information on package thermal considerations refer to www.maxim-ic.com/thermal-tutorial.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
µDFN
Junction-to-Ambient Thermal Resistance (
θJA)...............477°C/W
Junction-to-Case Thermal Resistance (
θJC)......................122°C/W
Thin SOT23
Junction-to-Ambient Thermal Resistance (
θJA)................110°C/W
Junction-to-Case Thermal Resistance (
θJC).......................50°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com