Electronic Components Datasheet Search
  English  ▼

X  

B1668 Datasheet(PDF) 3 Page - EPCOS

Part # B1668
Description  SAW RF low loss filter Satellite CSS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1668 Datasheet(HTML) 3 Page - EPCOS

  B1668 Datasheet HTML 1Page - EPCOS B1668 Datasheet HTML 2Page - EPCOS B1668 Datasheet HTML 3Page - EPCOS B1668 Datasheet HTML 4Page - EPCOS B1668 Datasheet HTML 5Page - EPCOS B1668 Datasheet HTML 6Page - EPCOS B1668 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
October 01, 2010
B1668
2040.00 MHz
SAW Components
SAW RF low loss filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS = 200Ω (balanced) and matching network
Terminating load impedance:
ZL =50Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
2040.00
—
MHz
Maximum insertion attenuation
α
max
2010.0
... 2070.0
MHz
—
3.0
4.0
dB
Amplitude ripple
in any 30MHz band (p-p)
∆α
2010.0
... 2070.0
MHz
—
1.1
2.5
dB
Amplitude ripple (p-p)
∆α
2010.0
... 2070.0
MHz
—
1.2
2.5
dB
Differential to common mode ratio
(|Sdd21/Scd21|)
2010.0
... 2070.0
MHz
16.0
19.0
—
dB
Input return loss
6.0
8.0
—
dB
Output return loss
6.0
9.0
—
dB
Attenuation
α
50.0
...
900.0
MHz
35
45
—
dB
1180.0
... 1650.0
MHz
30
40
—
dB
1650.0
... 1710.0
MHz
30
35
—
dB
2140.0
... 5000.0
MHz
16
20
—
dB
Group delay ripple (p-p)
2010.0
... 2070.0
MHz
—
15
35
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com