Electronic Components Datasheet Search
  English  ▼

X  

YA855C12R Datasheet(PDF) 3 Page - Fuji Electric

Part # YA855C12R
Description  Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA855C12R Datasheet(HTML) 3 Page - Fuji Electric

  YA855C12R Datasheet HTML 1Page - Fuji Electric YA855C12R Datasheet HTML 2Page - Fuji Electric YA855C12R Datasheet HTML 3Page - Fuji Electric YA855C12R Datasheet HTML 4Page - Fuji Electric YA855C12R Datasheet HTML 5Page - Fuji Electric YA855C12R Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2
3
YA855C12R
http://www.fujisemi.com
FUJI Diode
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
Per 1element
DC
Square wave λ=180°
Sine wave λ=180°
Square wave λ=120°
Square wave λ=60°
Forward Power Dissipation (max.)
Io Average Output Current (A)
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Reverse Power Dissipation (max.)
α
=180°
DC
VR Reverse Voltage (V)
λ
360°
I0
α
360°
VR
0.1
1
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Tj=150°C
Tj=125°C
Tj=100°C
Tj=25°C
Forward Characteristic (typ.)
VF Forward Voltage (V)
0
10
20
30
40
50
60
70
80
90
100 110 120 130
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
Reverse Characteristic (typ.)
Tj= 25°C
Tj=100°C
Tj=125°C
Tj=150°C
VR Reverse Voltage (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com