Electronic Components Datasheet Search
  English  ▼

X  

YA862C06R Datasheet(PDF) 2 Page - Fuji Electric

Part # YA862C06R
Description  Low IR Schottky barrier diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA862C06R Datasheet(HTML) 2 Page - Fuji Electric

  YA862C06R Datasheet HTML 1Page - Fuji Electric YA862C06R Datasheet HTML 2Page - Fuji Electric YA862C06R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
YA862C06R (10A)
Characteristics
(60V / 10A )
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Tj=150
oC
Tj=125
oC
Tj=100
oC
Tj=25
oC
Forward Characteristic (typ.)
VF Forward Voltage (V)
0
102030
40
50607080
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Reverse Characteristic (typ.)
Tj= 25
oC
Tj=100
oC
Tj=125
oC
Tj=150
oC
VR Reverse Voltage (V)
01
23
45
6
0
1
2
3
4
5
6
Per 1element
DC
Square wave λ=180
o
Sine wave λ=180
o
Square wave λ=120
o
Square wave λ=60
o
Forward Power Dissipation (max.)
Io Average Output Current (A)
123456789012345
123456789012345
123456789012345
123456789012345
360 º
λ
Io
0
1020304050607080
90
0
1
2
3
4
5
Reverse Power Dissipation (max.)
α=180
o
DC
VR Reverse Voltage (V)
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
360 º
VR
α
05
10
15
120
125
130
135
140
145
150
155
λ:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave λ=120
o
Square wave λ=60
o
Square wave λ=180
o
Sine wave λ=180
o
DC
Current Derating (Io-Tc) (max.)
Io Average Output Current (A)
VR=30V
1234567890123456
1234567890123456
1234567890123456
360 º
λ
Io
1
10
100
1000
10
100
1000
Junction Capacitance Characteristic (max.)
VR Reverse Voltage (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com