Electronic Components Datasheet Search
  English  ▼

X  

KTC3295 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3295
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3295 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3295 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3295 Datasheet HTML 2Page - KEC(Korea Electronics) KTC3295 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 4. 9
2/3
KTC3295
Revision No : 3
0
0
BASE EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
10
3
1
0.3
0.1
COLLECTOR CURRENT I
(mA)
C
h
- I
COLLECTOR CURRENT I
(mA)
0.1
0.3
0.01
V
- I
C
3
1
COLLECTOR EMITTER VOLTAGE V
(V)
0
0
CE
I
- V
C
CE
2
4
6
8
40
80
120
160
COMMON
EMITTER
Ta=25 C
400
200
100
80
60
50
40
30
20
I =10
µA
0
B
FE
C
10
30
100
300
30
50
100
300
500
1k
3k
5k
COMMON EMITTER
V
=6V
CE
COLLECTOR CURRENT I
(mA)
0.1
0.3
C
3
1
0.1
V
- I
CE(sat)
C
10
30
100
300
0.03
0.05
0.1
0.3
0.5
1
3
COMMON EMITTER
I /I =10
C
B
Ta=100 C
Ta=25 C
Ta=-25 C
EMITTER CURRENT I
(mA)
E
10
-0.1
-0.3
-3
-1
f
- I
BE(sat)
C
10
30
100
300
0.3
0.5
1
3
5
10
30
I /I =10
C
B
COMMON EMITTER
Ta=25 C
0.4
0.8
1.2
1.6
40
80
120
160
COMMON
EMITTER
V
=6V
CE
T
E
-10
-30 -100
-300
30
50
100
300
500
1k
3k
5k
V
=10V
Ta=25 C
CC
Ta=100 C
Ta=25 C
Ta=-25 C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com