Electronic Components Datasheet Search
  English  ▼

X  

KTC3880S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3880S
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3880S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3880S Datasheet HTML 1Page - KEC(Korea Electronics) KTC3880S Datasheet HTML 2Page - KEC(Korea Electronics) KTC3880S Datasheet HTML 3Page - KEC(Korea Electronics) KTC3880S Datasheet HTML 4Page - KEC(Korea Electronics) KTC3880S Datasheet HTML 5Page - KEC(Korea Electronics) KTC3880S Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2003. 6. 20
2/6
KTC3880S
Revision No : 5
INPUT
R =50Ω
g
0.01µF
-V (I =-1mA)
E
CC
V
0.02µF
OUTPUT
R =50Ω
L
0.02µF
E
1000pF
1000pF
L1
6pF
L1 : 0.8mmΦ SILVER PLATED COPPER WIRE, 4Turns.
10mm ID, 8mm Length.
DUT
y PARAMETERS (Typ.)
(1) COMMON EMITTER (VCE=6V, IE=-1mA, f=100MHz)
(2) COMMON BASE (VCE=6V, IE=-1mA, f=100MHz)
CHARACTERISTIC
SYMBOL
TYP.
UNIT
Input Conductance
gie
2.9
mS
Input Capacitance
Cie
10.2
pF
Reverse Transfer Admittance
|yre|
0.33
S
Phase Angle of Reverse Transfer Admittance
re
-90
Forward Transfer Admittance
|yfe|
40
mS
Phase Angle of Forward Transfer Admittance
fe
-20
Output Conductance
goe
45
S
Output Capacitance
Coe
1.1
pF
CHARACTERISTIC
SYMBOL
TYP.
UNIT
Input Conductance
gib
34
mS
Input Capacitance
Cib
-10
pF
Reverse Transfer Admittance
|yrb|
0.27
S
Phase Angle of Reverse Transfer Admittance
rb
-105
Forward Transfer Admittance
|yfb|
34
mS
Phase Angle of Forward Transfer Admittance
fb
165
Output Conductance
gob
45
S
Output Capacitance
Cob
1.1
pF
Fig. Gpe TEST CIRCUIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com