Electronic Components Datasheet Search
  English  ▼

X  

GS18A09 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GS18A09
Description  15~18WAC-DC Single Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS18A09 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS18A09 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS18A09 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
RIPPLE&NOISE(max.) Note.3
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.7)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
7.5V
9V
12V
15V
18V
24V
28V
48V
GS18A05
GS18A05-P1J
GS18A09-P1J
GS18A15-P1J
GS18A24-P1J
GS18A48-P1J
GS18A07-P1J
GS18A12-P1J
GS18A18-P1J
GS18A28-P1J
GS18A07
GS18A09
GS18A12
GS18A15
GS18A18
GS18A24
GS18A28
GS18A48
3.0A
2.0A
2.0A
1.50A
1.20A
1.0A
0.75A
0.64A
0.375A
0~3.0A
0~2.0A
0~2.0A
0~1.20A
0~1.0A
50mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
240mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
500ms,20ms,50ms/230VAC500ms,20ms,15ms/115VACatfullload
90~264VAC135~370VDC
47~63Hz
79.5%
82%
83%
85%
85%
85%
86%
86.5%
87%
0.5A /100VAC
45A /230VAC
0.75mA /240VAC
UL60950-1,CSA C22.2, TUVEN60950-1,BSMICNS14336,PSEJ60950-1(5~28Vonly),CCCGB4943approved
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:
,I/P-FG:2121VDC
4242VDC
I/P-O/P,I/P-FG:100MOhms/500VDC /25
/70%RH
500Khrsmin.MIL-HDBK-217F(25
)
0~+50
(Referto"DeratingCurve")
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
93*54*36mm(L*W*H)
230g;60pcs/15kg/CARTON
CONNECTOR
PLUG
CABLE
Seepage2
Seepage2
15W
15W
18W
18W
0~1.50A
18W
18W
18W
0~0.75A
18W
0~0.64A
18W
0~0.375A
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 20% to 100% rated load
7.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives.
15~18W AC-DCSingleOutputDesktop
G S 1 8 A series
Features :
CompliancetoEN55022
,FCCPART 15/CISPR22classB,CNS13438classB
EN61000-3-2,3
,
,GB9254
CompliancetoEN61000-4-2,3,4,5,6,8,11,lightindustrylevel,criteria A
OVERLOAD
OVERVOLTAGE
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
105~135%ratedoutputvoltage
Protectiontype:Clampbyzenerdiode,outputshort
Universal AC input / Full range
No load power consumption<0.3W
ErP step2 compliant
Meet EISA 2007 (Energy Independence and Security Act)
3 pole AC inlet IEC320-C14
Class power (with earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
LED indicator for power on
Approvals: UL / CUL / TUV / BSMI / CCC / PSE / CB / FCC / CE
Pass LPS
2 years warranty
(for 5V~28V only)
EMCIMMUNITY
EMCEMISSION
FileName:GS18A-SPEC 2011-06-14


Similar Part No. - GS18A09

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS18A09 MEANWELL-GS18A09 Datasheet
119Kb / 2P
10~18WAC-DC Single Output Desktop
GS18A09-P1J MEANWELL-GS18A09-P1J Datasheet
119Kb / 2P
10~18WAC-DC Single Output Desktop
GS18A09-P1J MEANWELL-GS18A09-P1J Datasheet
193Kb / 2P
15~18WAC-DC Single Output Desktop
More results

Similar Description - GS18A09

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ES18A MEANWELL-ES18A Datasheet
167Kb / 2P
9~18WAC-DC Single Output Desktop
ES18B MEANWELL-ES18B Datasheet
167Kb / 2P
9~18WAC-DC Single Output Desktop
ES18C MEANWELL-ES18C Datasheet
162Kb / 2P
9~18WAC-DC Single Output Desktop
GS18A MEANWELL-GS18A Datasheet
119Kb / 2P
10~18WAC-DC Single Output Desktop
GS18B MEANWELL-GS18B Datasheet
122Kb / 2P
10~18WAC-DC Single Output Desktop
GS18B MEANWELL-GS18B_11 Datasheet
175Kb / 2P
15~18WAC-DC Single Output Desktop
GS18E MEANWELL-GS18E_11 Datasheet
158Kb / 2P
15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_11 Datasheet
148Kb / 2P
15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_12 Datasheet
166Kb / 2P
15~18WAC-DC Single Output Wall-mounted type
GA18A MEANWELL-GA18A_12 Datasheet
193Kb / 2P
15~18WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com