Electronic Components Datasheet Search
  English  ▼

X  

KTC4075F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTC4075F
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4075F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTC4075F Datasheet HTML 1Page - KEC(Korea Electronics) KTC4075F Datasheet HTML 2Page - KEC(Korea Electronics) KTC4075F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2005. 4. 21
3/3
KTC4075F
Revision No : 0
0.1
10
3
1
0.5
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
h PARAMETER - V
h PARAMETER - I
C
COLLECTOR CURRENT I
(mA)
0.1
1
3
0.1
C
10
30 50
0.5
5
0.3
0.5
1
3
5
10
30
50
100
300
500
1k
2k
COMMON EMITTER
V
=12V, f=270Hz
Ta=25 C
CE
BL
GR
Y
O
h fe
BL
GR
Y
O
BL
GR
Y
O
BL
GR
Y
O
ie
h xkΩ
ie
h xkΩ
h
xµ
oe
h x10
re
-4
h x10
re
-4
CE
30
100
300
0.3
1
3
10
30
100
300
1k
2k
BL
GR
Y
O
h fe
BL
GR
Y
O
BL
GR
Y
O
BL
GR
Y
O
COMMON EMITTER
I =2mA, Ta=25 C
C
h
xµ
oe
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
25
50
75
100
125
25
50
75
100
150



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com