Electronic Components Datasheet Search
  English  ▼

X  

KTC8050 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC8050
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC8050 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC8050 Datasheet HTML 1Page - KEC(Korea Electronics) KTC8050 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1999. 11. 30
2/2
KTC8050
Revision No : 3
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
1
2
34
56
200
400
600
800
1k
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
0.01
COLLECTOR CURRENT I
(mA)
C
V
- I
I
- V
CBE
BE
BASE-EMITTER VOLTAGE V
(V)
EMITTER
CE(sat)
C
0.03
0.1
0.3
1
COMMON EMITTER
I /I =25
C
B
COMMON EMITTER
V
=1V
CE
COMMON
Ta=25 C
1k
300
13
100
0.05
0.5
Ta=100 C
Ta=25 C
Ta=-25 C
I =1mA
B
1k
Ta=-25 C
Ta=25 C
Ta=100 C
1k
CE
V
=1V
COMMON EMITTER
300
100
50
30
100
30
C
FE
h
- I
C
COLLECTOR CURRENT I
(mA)
13
10
300
500
10
30
10
2k
8
7
6
5
4
3
2
0
Ta=1
00
C
25 C
-25 C
0
1
0.2
0.4
0.6
0.8
1.0
1.2
3
5
10
30
50
100
300
500
1k
100
200
300
400
500
600
700
25
50
75
100
125
150
175



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com