Electronic Components Datasheet Search
  English  ▼

X  

MAX11040K Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11040K
Description  24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040K Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11040K Datasheet HTML 9Page - Maxim Integrated Products MAX11040K Datasheet HTML 10Page - Maxim Integrated Products MAX11040K Datasheet HTML 11Page - Maxim Integrated Products MAX11040K Datasheet HTML 12Page - Maxim Integrated Products MAX11040K Datasheet HTML 13Page - Maxim Integrated Products MAX11040K Datasheet HTML 14Page - Maxim Integrated Products MAX11040K Datasheet HTML 15Page - Maxim Integrated Products MAX11040K Datasheet HTML 16Page - Maxim Integrated Products MAX11040K Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
24-/16-Bit, 4-Channel, Simultaneous-Sampling,
Cascadable, Sigma-Delta ADCs
______________________________________________________________________________________
13
Digital Filter
The devices contain an on-chip digital lowpass filter
that processes the data stream from each modulator
and generates the high-resolution output data. The low-
pass filter frequency response is determined by the
programmable output data rate. At the nominal 16ksps
output data rate, the -3dB bandwidth of the filter is
3.4kHz. The passband flatness is better than ±0.1dB
from 0 to 1.74kHz. The notches are located at 5.75kHz
and 7.195kHz. These frequencies scale linearly with the
output data rate. See Figure 2 and Table 1 for the fre-
quency response at different data rates.
Since the transfer function of a digital filter is repeatable
and predictable, it is possible to correct for frequency-
dependent attenuation in downstream software. See
the
Compensating for the Rolloff of the Digital Filter in a
Typical FFT Analysis section. The transfer function is
defined by the following equation:
where:
Gain is the filter gain.
fAIN is the analog input frequency.
fSAMPLE is the programmed output data rate, nominally
16kHz.
fXINCLOCK is the clock frequency at XIN, nominally
24.576MHz.
FIR_Gain (fAIN) is the normalized gain of the FIR filter
with the following filter coefficients, as a function of the
analog input frequency fAIN. These coefficients are
applied at the output data rate:
+ 0.022
- 0.074
- 0.036
+ 0.312
+ 0.552
+ 0.312
- 0.036
- 0.074
+ 0.022
Gain f
f
f
f
f
AIN
SAMPLE
AIN
SAMPLE
()
sin
=
××
⎛
⎝⎜
⎞
⎠⎟
π
X
XINCLOCK
AIN
XINCLOCK
f
f
××
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝
⎜
⎜
⎜
⎜
⎜
⎞
sin
π
⎠⎠
⎟
⎟
⎟
⎟
⎟
×
()
3
_(
)
FIR Gain fAIN
Table 1. Bandwidth vs. Output Data Rate
OUTPUT DATA
RATE (ksps)
-3dB BANDWIDTH
(kHz)
-0.1dB BANDWIDTH
(kHz)
0.5
0.11
0.05
1
0.21
0.11
2
0.42
0.22
4
0.85
0.43
8
1.69
0.87
10
2.11
1.09
12
2.54
1.31
16
3.38
1.74
32
6.78
3.48
64
13.5
6.96
fAIN/fSAMPLE
0.24
0.20
0.16
0.12
0.08
0.04
-5
-4
-3
-2
-1
0
1
-6
0
0.28
Figure 2. Digital Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com