Electronic Components Datasheet Search
  English  ▼

X  

KTK5162S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTK5162S
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK5162S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTK5162S Datasheet HTML 1Page - KEC(Korea Electronics) KTK5162S Datasheet HTML 2Page - KEC(Korea Electronics) KTK5162S Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2009. 2. 10
2/3
KTK5162S
Revision No : 1
DRAIN-SOURCE VOLTAGE V
(V)
0
DS
0
I
- V
DDS
DRAIN CURRENT I
(A)
0.01
0.03
D
Y
- I
DRAIN-SOURCE VOLTAGE V
(V)
GS
0.2
COMMON SOURCE
Ta=25 C
V
=2.0V
GS
0.02
0
0
1
V
=10V
DS
COMMON SOURCE
fs
D
0.03
0.05
0.1
0.3
0.05
0.1
0.3
0.5
1
COMMON SOURCE
V
=10V
DS
0.4
0.6
0.8
1.0
0.02
0.04
0.06
0.08
0.10
2.5V
3.0V
4.0V
6.0V
234
5
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
I
- VGS
D
DIODE FORWARD VOTAGE V
(V)
SD
I
- V
FSD
DRAIN CURRENT I
(mA)
D
R
- I
DS(ON)
D
Ta=-25
C
0.5
DRAIN-SOURCE VOLTAGE V
(V)
DS
C - VDS
1
3
5
10
30
V
=0
f=1MHz
Ta=25 C
GS
5
010 15
20 25
3035
40 45
50
COMMON SOURCE
Ciss
Coss
rss
C
Ta=25
C
Ta=75
C
5
10
30
50
V
=4V
Ta=25 C
GS
COMMON SOURCE
0.01
0.03
0.05
0.1
0.3
V
=0
GS
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
COMMON SOURCE
30
1
0.3 0.5
3
5
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com