Electronic Components Datasheet Search
  English  ▼

X  

ACS406CS Datasheet(PDF) 1 Page - Semtech Corporation

Part # ACS406CS
Description  4 x E1/T1 Fiber Mux/De-mux over One Fiber Optic Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS406CS Datasheet(HTML) 1 Page - Semtech Corporation

  ACS406CS Datasheet HTML 1Page - Semtech Corporation ACS406CS Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Copyright Semtech Corp 2000
Semtech reserves the right to change specifications on catalog devices without notice.
BLOCK DIAGRAM
DESCRIPTION
The ACS406CS comprises a chip set of two highly
integrated devices, the ACS9010 and ACS4060. The
ACS9010 is an analog transceiver device and the
ACS4060 is a mixed signal device.
The ACS406CS supports full duplex serial data of up to
8.448Mbps over one fiber with link lengths up to 25km.
The available bandwidth can be shared over 1 to 8
channels of 1 x E2/T2, 4 x E1/T1, 8 x 1.024Mbps plus
separate maintenance channel(s). The ACS406CS
provides five transmit/receive clock domains enabling
four independent E1/T1 channels and a maintenance
channel to be supported at one time.
The ACS9010 is a transceiver which integrates the Laser/
LED driver as well as the PIN receiver circuitry including
the TIA and post amplifier.
The ACS4060 integrates the multi-channel mux/de-mux
logic with de-jittering circuits for each channel, plus the
clock and data recovery. Communicating modems
automatically maintain synchronisation with each other
even when no data is being transmitted/received. Link
lengths from zero to maximum distance are catered for
automatically during system synchronisation.
FEATURES
· Two chip set supporting full duplex serial data
transmission up to 8.448Mbps over one fiber
· Multi-channel operation with full loopback diagnostics
per channel
· Up to 8 independent synchronous data channels:
1 x E2/T2
4 x E1/T1
8 x 1.024Mbps
· Additional 64kbps maintenance channel with option of
4 x 16kbps multi-channel operation and framing signal
for main channels
· Standard interfaces for Line Interface Units (LIU) or
Framers
· Select between NRZ and pseudo-bipolar HDB3/AMI/
B8ZS input data coding types
· Support for Bi-Directional, single wavelength
duplexers and LED/Laser + PIN
· Link lengths up to 25km on single mode fiber
· Typical latency of 0.75ms
· Bit Error Rate (BER) of 10-10
· Low power, single 5V supply
· Operating temperature (ambient) of -40 to 85°C
· ACS9010 available in TQFP44 package, ACS4060
available in TQFP100 package.
Advanced Communications
Revision 1.3 March 2000
PRODUCT BRIEF
ACS406CS
4 x E1/T1 Fiber Mux
4 x E1/T1 Fiber Mux/De-mux over One Fiber Optic Cable
xti
xto
rpos1
rneg1
rclk1
rpos4
rneg4
rclk4
4 x
tpos1
tneg1
tclk1
tpos4
tneg4
tclk4
4 x
rmd1
rmclk
tmd1
tmclk
dcd
errl
loss
errc
LED/Laser Driver
PIN Receiver
ACS4060
ACS9010
REC
PLL
8B10B
DEC
S2P
RX AND LOCK CONTROL
PING PONG ENGINE
RX
FIFO
P2S
LINE
CODER
DATA
SLICE
XTAL
OSC
P2S
LINE
CODER
PLL
P2S
PLL
P2S
8B10B
CODER
TX CONTROL
PING PONG ENGINE
TX
FIFO
S2P
LINE
DEC
S2P
LINE
DEC
MODE CONTROL /
STATUS
S2P
PLL


Similar Part No. - ACS406CS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS401 SEMTECH-ACS401 Datasheet
88Kb / 8P
Acapella Optical Modem IC
logo
STMicroelectronics
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
QUAD AC LINE SWITCH ARRAY
05-Apr-1000
logo
XP Power Limited
ACS40US03 XPPOWER-ACS40US03 Datasheet
167Kb / 2P
AC-DC Power Supplies
ACS40US05 XPPOWER-ACS40US05 Datasheet
167Kb / 2P
AC-DC Power Supplies
ACS40US09 XPPOWER-ACS40US09 Datasheet
167Kb / 2P
AC-DC Power Supplies
More results

Similar Description - ACS406CS

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60301 ZARLINK-ZL60301 Datasheet
489Kb / 22P
Parallel Fiber Optic Transceiver (4 4) x 2.7 Gbps
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304 Datasheet
382Kb / 19P
Parallel Fiber Optic Transceiver (4 4) x 3.125 Gbps
ZL60301 ZARLINK-ZL60301_07 Datasheet
273Kb / 6P
Parallel Fiber Optic Transceiver (4 4) x 2.72 Gbps
logo
MRV Communications, Inc...
EM316T1-M MRV-EM316T1-M Datasheet
76Kb / 2P
T1 and E1 Fiber Modems
logo
Omron Electronics LLC
P1TX4-SX4X-01MM OMRON-P1TX4-SX4X-01MM Datasheet
250Kb / 7P
Multiple signals over one multimode fiber
logo
Pericom Semiconductor C...
PI3WVR31310A PERICOM-PI3WVR31310A Datasheet
1Mb / 16P
DP/HDMI 1:3 De-mux/Mux switches
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
PI3WVR31310A DIODES-PI3WVR31310A Datasheet
1Mb / 17P
DP/HDMI 1:3 De-mux/Mux Switches
01/09/17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com