Electronic Components Datasheet Search
  English  ▼

X  

KTN2907AS Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTN2907AS
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTN2907AS Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTN2907AS Datasheet HTML 1Page - KEC(Korea Electronics) KTN2907AS Datasheet HTML 2Page - KEC(Korea Electronics) KTN2907AS Datasheet HTML 3Page - KEC(Korea Electronics) KTN2907AS Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2002. 4. 9
3/4
KTN2907S/AS
Revision No : 4
10
-1
-0.5
COLLECTOR CURRENT I
(mA)
C
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
h
- I
COLLECTOR CURRENT I
(mA)
C
f
- I
-0.4
-0.8
-1.2
-1.6
-200
-400
-600
-800
FE
C
30
50
100
300
500
1K
V
=-10V
CE
T
C
10
1
100
10
100
1K
3K
Ta=25 C
V
=10V
1000
CE
COMMON EMITTER
Ta=25 C
-1.8
-1000
I =-5mA
B
I =-10mA
B
I =-20mA
B
I =-30mA
B
I =-40mA
B
-3
-10
-30
-100
-300
-1K
Ta=-25 C
Ta=25 C
Ta=75 C
-100
-0.5 -1
-1.0
-0.8
-0.6
-0.4
-0.2
-10
-3
-30
V
- I
CE(sat)
C
-1K
-300
I /I =10
C
0
COLLECTOR CURRENT I
(mA)
C
VCE(sat)
COMMON EMITTER
B
COLLECTOR CURRENT I
(mA)
-3
-0.2
-0.5 -1
0
-10
-30
-100
C
-1K
-300
-0.4
I /I =10
COMMON EMITTER
V
- I
BE(sat)
C B
C
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
VBE(sat)
Ta=-25 C
Ta=25 C
Ta=75 C
-0.2
-0.05
BASE-EMITTER VOLTAGE V
(V)
BE
-0.3
-0.4
-0.5 -0.6
-0.1
-0.3
-1
-3
-10
-30
-100
-300
-500
-0.7
-0.8
-0.9 -1.0
I
- V
C
BE
Ta=75 C
Ta=-25 C
COMMON EMITTER
V
=-10V
CE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com