Electronic Components Datasheet Search
  English  ▼

X  

B1727 Datasheet(PDF) 2 Page - EPCOS

Part # B1727
Description  SAW IF filter Satellite radio
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1727 Datasheet(HTML) 2 Page - EPCOS

  B1727 Datasheet HTML 1Page - EPCOS B1727 Datasheet HTML 2Page - EPCOS B1727 Datasheet HTML 3Page - EPCOS B1727 Datasheet HTML 4Page - EPCOS B1727 Datasheet HTML 5Page - EPCOS B1727 Datasheet HTML 6Page - EPCOS B1727 Datasheet HTML 7Page - EPCOS B1727 Datasheet HTML 8Page - EPCOS B1727 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
February 19, 2010
B1727
76.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Application
s
IF filter for digital radio
s
Usable bandwidth 3.8 MHz
s
Low insertion attenuation
s
Constant group delay
s
Unbalanced or balanced operation
Features
s
Package size 7.0 x 5.0 x 1.33 mm3
s
Package code QCC12E
s
Maximum package height of 1.48 mm
s
RoHS compatible
s
Approximate weight 0.25 g
s
Ceramic package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
AEC-Q200 qualified component family
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
4
Balanced input or input ground
s
6
Input
s
10
Balanced output or output ground
s
12
Output
s
1,5,7,11
Case – ground
s
2,3,8,9
To be grounded
10
12
4
6
1,5,7,11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com