Electronic Components Datasheet Search
  English  ▼

X  

B3514 Datasheet(PDF) 4 Page - EPCOS

Part # B3514
Description  SAW RF filter Automotive telematics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3514 Datasheet(HTML) 4 Page - EPCOS

  B3514 Datasheet HTML 1Page - EPCOS B3514 Datasheet HTML 2Page - EPCOS B3514 Datasheet HTML 3Page - EPCOS B3514 Datasheet HTML 4Page - EPCOS B3514 Datasheet HTML 5Page - EPCOS B3514 Datasheet HTML 6Page - EPCOS B3514 Datasheet HTML 7Page - EPCOS B3514 Datasheet HTML 8Page - EPCOS B3514 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
November 16, 2009
B3514
881.5/942.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Characteristics Filter 2 (GSM900)
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω (unbalanced)
Terminating load impedance:
ZL = 150 Ω (balanced) || 68 nH
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
942.5
—
MHz
Maximum insertion attenuation
α
max
925.0
...
960.0
MHz
—
1.9
3.01)
1)
T = –25˚C to +75˚C : 2.5 dB
dB
Amplitude ripple
925.0
...
960.0
MHz
—
0.9
1.8
dB
VSWR
925.0
...
960.0
MHz
—
1.9
2.3
Output amplitude balance
(|S31/S21|)
925.0
...
960.0
MHz
–2.5
2.5
dB
Output phase balance
(
φ(S31)−φ(S21)+180˚)
925.0
...
960.0
MHz
–12.0
12.0
degree
Attenuation
α
abs
10.00 ...
480.00 MHz
46
52
—
dB
480.00 ...
880.00 MHz
30
35
—
dB
880.00 ...
905.00 MHz
24
27
—
dB
905.00 ...
915.00 MHz
11
18
—
dB
980.00 ... 1050.00 MHz
23
30
—
dB
1050.00 ... 3000.00 MHz
30
34
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com