Electronic Components Datasheet Search
  English  ▼

X  

B3517 Datasheet(PDF) 4 Page - EPCOS

Part # B3517
Description  SAW RF filter Automotive telematics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3517 Datasheet(HTML) 4 Page - EPCOS

  B3517 Datasheet HTML 1Page - EPCOS B3517 Datasheet HTML 2Page - EPCOS B3517 Datasheet HTML 3Page - EPCOS B3517 Datasheet HTML 4Page - EPCOS B3517 Datasheet HTML 5Page - EPCOS B3517 Datasheet HTML 6Page - EPCOS B3517 Datasheet HTML 7Page - EPCOS B3517 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
May 23, 2011
B3517
1586 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
source 50
Ω, load100Ω ||18nH
1565.0 ... 1607.0 MHz
PIN
5
dBm
cw
2400 ... 2483.5 MHz
PIN
20
dBm
cw
824...960, 1710...2170 MHz
PIN
20
dBm
cw
960...1525 MHz
PIN
10
dBm
cw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com