Electronic Components Datasheet Search
  English  ▼

X  

ACS8515LC Datasheet(PDF) 42 Page - Semtech Corporation

Part # ACS8515LC
Description  Line Card Protection Switch for SONET or SDH Network Elements
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515LC Datasheet(HTML) 42 Page - Semtech Corporation

Back Button ACS8515LC Datasheet HTML 38Page - Semtech Corporation ACS8515LC Datasheet HTML 39Page - Semtech Corporation ACS8515LC Datasheet HTML 40Page - Semtech Corporation ACS8515LC Datasheet HTML 41Page - Semtech Corporation ACS8515LC Datasheet HTML 42Page - Semtech Corporation ACS8515LC Datasheet HTML 43Page - Semtech Corporation ACS8515LC Datasheet HTML 44Page - Semtech Corporation ACS8515LC Datasheet HTML 45Page - Semtech Corporation ACS8515LC Datasheet HTML 46Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Revision 2.05/Jan 2001 ã2001 Semtech Corp
www.semtech.com
42
ACS8515 LC/P
ADVANCED COMMUNCIATIONS
FINAL
Read access timing in SERIAL Mode.
Write access timing in SERIAL Mode.
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
N
I
M
P
Y
T
X
A
M
t
1
u
s
K
L
C
S
o
t
d
il
a
v
I
D
S
p
u
t
e
S
e
g
d
e
g
n
i
s
ir
0s
n-
-
t
2
u
s
B
S
C
p
u
t
e
S
e
g
d
e
g
n
il
l
a
f
K
L
C
S
o
t
e
g
d
e
g
n
i
s
ir
s
n
0
6
1-
-
t
1
d
K
L
C
S
y
a
l
e
D
e
g
d
e
g
n
i
s
ir
K
L
C
S
(
e
g
d
e
g
n
il
l
a
f
d
il
a
v
O
D
S
o
t)
1
=
E
K
L
C
r
o
f-
-
s
n
7
1
t
2
d
B
S
C
y
a
l
e
D
e
g
d
e
g
n
i
s
ir
Z
-
h
g
i
h
O
D
S
o
t-
-
s
n
0
1
t
1
w
p
e
m
it
w
o
l
K
L
C
S
s
n
0
8
1-
-
t
2
w
p
e
m
it
h
g
i
h
K
L
C
S
s
n
0
8
1-
-
t
1
h
K
L
C
S
r
e
tf
a
d
il
a
v
I
D
S
d
l
o
H
e
g
d
e
g
n
i
s
ir
s
n
0
7
1-
-
t
2
h
K
L
C
S
r
e
tf
a
w
o
l
B
S
C
d
l
o
H
e
g
d
e
g
n
i
s
ir
0
=
E
K
L
C
r
o
f
,
K
L
C
S
r
e
tf
a
w
o
l
B
S
C
d
l
o
H
e
g
d
e
g
n
il
l
a
f
1
=
E
K
L
C
r
o
f
,
s
n
5-
-
t
p
B
S
C
(
s
e
s
s
e
c
c
a
e
v
it
u
c
e
s
n
o
c
n
e
e
w
t
e
b
e
m
i
T
e
g
d
e
g
n
i
s
ir
B
S
C
o
t
e
g
d
e
g
n
il
l
a
f
)s
n
0
6
1-
-
t
su1
t
h1
t
su2
t
h2
t
pw 2
CSB
SC LK
SD O
SDI
R/W
_
A0
A1
A2
A3
A4
A5
A6
pw1
t
D0
D5
D3
D2
D4
D7
D6
D1
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
N
I
M
P
Y
T
X
A
M
t
1
u
s
K
L
C
S
o
t
d
il
a
v
I
D
S
p
u
t
e
S
e
g
d
e
g
n
is
ir
0s
n-
-
t
2
u
s
B
S
C
p
u
t
e
S
e
g
d
e
g
n
il
l
a
f
K
L
C
S
o
t
e
g
d
e
g
n
is
ir
s
n
0
6
1-
-
t
1
w
p
e
m
it
w
o
l
K
L
C
S
s
n
0
8
1-
-
t
2
w
p
e
m
it
h
g
i
h
K
L
C
S
s
n
0
8
1-
-
t
1
h
K
L
C
S
r
e
tf
a
d
il
a
v
I
D
S
d
l
o
H
e
g
d
e
g
n
is
ir
s
n
0
7
1-
-
t
2
h
K
L
C
S
r
e
tf
a
w
o
l
B
S
C
d
l
o
H
e
g
d
e
g
n
is
ir
s
n
5-
-
t
p
B
S
C
(
s
e
s
s
e
c
c
a
e
v
it
u
c
e
s
n
o
c
n
e
e
w
t
e
b
e
m
i
T
e
g
d
e
g
n
is
ir
B
S
C
o
t
e
g
d
e
g
n
il
l
a
f
)s
n
0
6
1-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com