Electronic Components Datasheet Search
  English  ▼

X  

MBR10100CT Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MBR10100CT
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBR10100CT Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MBR10100CT Datasheet HTML 1Page - KEC(Korea Electronics) MBR10100CT Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 10. 19
2/2
MBR10100CT
Revision No : 0
REVERSE VOLTAGE VR (V)
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
0
0.2
0.5
0.4
0.6
0.8
1.0
1.2
1.0
3.0
5.0
10
30
50
20
40
60
80
0.001
0.01
100
j
T =25 C
j
T =25 C
AVERAGE FORWARD CURRENT IF(AV) (A)
PF(AV) - IF(AV)
IF - TC
IF - TA
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
0
0
0
0
0
100
110
120
130
140
150
4.0
8.0
12
16
RATED VOLTAGE
R
=1.7 C/W
ΘJC
DC
DC
APPLIED
40
80
120
160
4
8
12
16
RATED VOLTAGE APPLIED
ΘJA
ΘJA
R
=16 C/W
R
=62.5 C/W
(NO HEAT SINK)
DC
DC
2.0
4.0
6.0
8.0
2.0
4.0
10
12
6.0
8.0
10
12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com