Electronic Components Datasheet Search
  English  ▼

X  

MBRF545CT Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MBRF545CT
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRF545CT Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MBRF545CT_08 Datasheet HTML 1Page - KEC(Korea Electronics) MBRF545CT_08 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 5. 13
2/2
MBRF545CT
Revision No : 2
IF - TC
IF - TA
AVERAGE FORWARD CURRENT IF(AV) (A)
PF(AV) - IF(AV)
REVERSE VOLTAGE VR (V)
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
0
0
0
0
0
0
100
10
0.1
0.01
1.0
10
100
120
2
DC
40
80
120
160
DC
DC
2
14
36
5
1
2
DC
3
4
0
0.1
0.3
0.5
1.0
3.0
5.0
10
0.2
0.4
0.6
0.8
1.0
20
30
40
50
60
130
140
150
160
110
4
6
8
10
2
20
60
100
140
4
6
8
T
j=25 C
T =25 C
j
RATED VOLTAGE APPLIED
(NO HEAT SINK)
ΘJA
R
=16 C/W
ΘJA
R
=60 C/W
RATED VOLTAGE
R
= 4.0 C/W
APPLIED
ΘJC



Html Pages

1 2