Electronic Components Datasheet Search
  English  ▼

X  

B3712 Datasheet(PDF) 3 Page - EPCOS

Part # B3712
Description  SAW RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3712 Datasheet(HTML) 3 Page - EPCOS

  B3712 Datasheet HTML 1Page - EPCOS B3712 Datasheet HTML 2Page - EPCOS B3712 Datasheet HTML 3Page - EPCOS B3712 Datasheet HTML 4Page - EPCOS B3712 Datasheet HTML 5Page - EPCOS B3712 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
March 11, 2011
B3712
312.20 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to+110 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL =50Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
312.20
—
MHz
Maximum insertion attenuation
α
max
311.90 ...
312.50 MHz
—
1.8
2.91)
1)
T = –40˚C to +85˚C : 2.5 dB
dB
Amplitude ripple (p-p)
311.90 ...
312.50 MHz
—
0.5
1.72)
2)
T = –40˚C to +85˚C : 1.3 dB
dB
Relative attenuation (relative to
α
min)
α
rel
270.00 ...
286.00 MHz
55
60
—
dB
290.20 ...
291.10 MHz
53
58
—
dB
301.20 ...
301.80 MHz
48
53
—
dB
322.60 ...
323.20 MHz
24
31
—
dB
333.30 ...
334.20 MHz
36
41
—
dB
354.70 ...
355.90 MHz
50
55
—
dB
Temperature coefficient of frequency
TCf
—
-30
—
ppm/K
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Source power
PS
10
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com