Electronic Components Datasheet Search
  English  ▼

X  

B4234 Datasheet(PDF) 6 Page - EPCOS

Part # B4234
Description  SAW RF filter Automotive telematics
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4234 Datasheet(HTML) 6 Page - EPCOS

Back Button B4234 Datasheet HTML 2Page - EPCOS B4234 Datasheet HTML 3Page - EPCOS B4234 Datasheet HTML 4Page - EPCOS B4234 Datasheet HTML 5Page - EPCOS B4234 Datasheet HTML 6Page - EPCOS B4234 Datasheet HTML 7Page - EPCOS B4234 Datasheet HTML 8Page - EPCOS B4234 Datasheet HTML 9Page - EPCOS B4234 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
February 25, 2011
B4234
881.5/1960.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Characteristics Filter 2 (GSM850)
Temperature range for specification:
T
= –20 ˚C to +75 ˚C
Terminating source impedance:
ZS =50 Ω (unbalanced)
Terminating load impedance:
ZL = 150 Ω (balanced) || 12 nH
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1960.00
—
MHz
Maximum insertion attenuation
α
max
1930.00 ... 1990.00 MHz
—
2.3
2.7
dB
Amplitude ripple (p-p)
∆α
1930.00 ... 1990.00 MHz
—
0.6
1.0
dB
Input VSWR
1930.00 ... 1990.00 MHz
—
1.9
2.2
Output VSWR
1930.00 ... 1990.00 MHz
—
1.9
2.2
Output amplitude balance
(|S31/S21|)
1930.00 ... 1990.00 MHz
–1.3
1.3
dB
Output phase balance
(φ(S31)−φ(S21)+180˚)
1930.00 ... 1990.00 MHz
–12.0
8.0
degree
Attenuation
α
10.00 ... 1510.00 MHz
40
43
—
dB
1510.00 ... 1820.00 MHz
30
34
—
dB
1820.00 ... 1880.00 MHz
26
30
—
dB
1880.00 ... 1910.00 MHz
10
13
—
dB
2020.00 ... 2080.00 MHz
12
17
—
dB
2080.00 ... 2400.00 MHz
24
29
—
dB
2400.00 ... 4500.00 MHz
30
32
—
dB
4500.00 ... 6000.00 MHz
22
25
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com