Electronic Components Datasheet Search
  English  ▼

X  

B4309 Datasheet(PDF) 3 Page - EPCOS

Part # B4309
Description  SAW RF filter Automotive telematics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4309 Datasheet(HTML) 3 Page - EPCOS

  B4309 Datasheet HTML 1Page - EPCOS B4309 Datasheet HTML 2Page - EPCOS B4309 Datasheet HTML 3Page - EPCOS B4309 Datasheet HTML 4Page - EPCOS B4309 Datasheet HTML 5Page - EPCOS B4309 Datasheet HTML 6Page - EPCOS B4309 Datasheet HTML 7Page - EPCOS B4309 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
May 11, 2011
B4309
1950.00 MHz
SAW Components
SAW RF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1950.0
—
MHz
Maximum insertion attenuation
α
max
1920.00 ... 1980.00 MHz
—
2.3
3.0
dB
Amplitude ripple (p-p)
∆α
1920.00 ... 1980.00 MHz
—
1.1
1.8
dB
VSWR
1920.00 ... 1980.00 MHz
—
1.8
2.2
Error Vector Magnitude
EVM1)
1) Error Vector Magnitude (EVM) based on definition in 3GPP TS 25.141
@fCarrier 1922.50 ... 1977.50 MHz
—
1.0
3.0
%
Attenuation
α
50.00 ...
960.00 MHz
27
34
—
dB
960.00 ... 1575.00 MHz
25
35
—
dB
1575.00 ... 1576.00 MHz
32
35
—
dB
1576.00 ... 1730.00 MHz
30
35
—
dB
1730.00 ... 1880.00 MHz
30
38
—
dB
2025.00 ... 2050.00 MHz
35
54
—
dB
2110.00 ... 2170.00 MHz
35
38
—
dB
2200.00 ... 3100.00 MHz
33
37
—
dB
3100.00 ... 3960.00 MHz
30
42
—
dB
3960.00 ... 6000.00 MHz
20
34
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com