Electronic Components Datasheet Search
  English  ▼

X  

B7670 Datasheet(PDF) 4 Page - EPCOS

Part # B7670
Description  SAW Duplexer Cellular / WCDMA band V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7670 Datasheet(HTML) 4 Page - EPCOS

  B7670 Datasheet HTML 1Page - EPCOS B7670 Datasheet HTML 2Page - EPCOS B7670 Datasheet HTML 3Page - EPCOS B7670 Datasheet HTML 4Page - EPCOS B7670 Datasheet HTML 5Page - EPCOS B7670 Datasheet HTML 6Page - EPCOS B7670 Datasheet HTML 7Page - EPCOS B7670 Datasheet HTML 8Page - EPCOS B7670 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
February 05, 2009
B7670
836.50 / 881.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 8.2 nH
RX terminating impedance:
ZRX =50 Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs TX - ANT
min.
typ.
@ 25 ˚C
max.
Attenuation
α
0.3
...
779.0
MHz
25
33
dB
779.0
...
804.0
MHz
27
29
dB
869.0
...
894.0
MHz
43
46
dB
1573.0
... 1578.0
MHz
40
43
dB
1648.0
... 1698.0
MHz
36
39
dB
2472.0
... 2547.0
MHz
23
26
dB
3296.0
... 3396.0
MHz
10
18
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com