Electronic Components Datasheet Search
  English  ▼

X  

MAX17710G Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17710G
Description  Energy-Harvesting Charger and Protector Lithium Cell Undervoltage Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17710G Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17710G Datasheet HTML 1Page - Maxim Integrated Products MAX17710G Datasheet HTML 2Page - Maxim Integrated Products MAX17710G Datasheet HTML 3Page - Maxim Integrated Products MAX17710G Datasheet HTML 4Page - Maxim Integrated Products MAX17710G Datasheet HTML 5Page - Maxim Integrated Products MAX17710G Datasheet HTML 6Page - Maxim Integrated Products MAX17710G Datasheet HTML 7Page - Maxim Integrated Products MAX17710G Datasheet HTML 8Page - Maxim Integrated Products MAX17710G Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX17710
Energy-Harvesting Charger and Protector
BATT to GND...........................................................-0.3V to +6V
CHG to GND ...........................................................-0.3V to +6V
LX to PGND.............................................................-0.3V to +6V
GND to PGND ......................................................-0.3V to +0.3V
FB, AE, LCE, SEL1, SEL2, REG,
PCKP to GND.......................................-0.3V to VBATT + 0.3V
CHG Continuous Current
(limited by power dissipation of package) ...................100mA
Continuous Power Dissipation (TA = +70NC)
12-Pin UTDFN (derate 15mW/NC above +70NC) .......1200mW
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Lead Temperature (reflow)..............................................+260NC
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCHG = +4.3V, Figure 1, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CHG Input Maximum Voltage
Limited by shunt regulator (Note 2)
4.875
5.3
5.7
V
CHG Enable Threshold
VCE
4.07
4.15
4.21
V
CHG Quiescent Current
IQCHG
VCHG = 4.0V rising, VBATT = 4.0V
625
1300
nA
CHG Shunt Delay
25
F
s
CHG Input Shunt Limit
(Note 2)
50
mA
CHG Maximum Input Current
VCHG input current limited by Absolute
Maximum Ratings
50
100
mA
CHG-to-BATT Dropout Voltage
VCHG = 4.0V, ICHG = 1FA
45
mV
VCHG = 4.0V, IBATT = -6mA
55
VCHG = 4.0V, IBATT = -20mA
65
VCHG = 4.0V, IBATT = -40mA
100
BATT REG
BATT Regulator Voltage
4.065
4.125
4.160
V
BATT Regulation Delay
VCHG = 4.2V, starting at 4V
30
F
s
BATT Quiescent Current
IQBATT
Regulator in dropout;
VCHG = 4.15V, VBATT = 4.12V
450
1030
nA
Harvest standby (AE pulse low)
VCHG = 0V, VBATT = 2.1V to 4.0V
1
165
AE regulator on, boost off;
VCHG = 0V, VBATT = 4.0V, AE high
725
1650
LCE regulator on, boost off;
VBATT = 4.0V, LCE mode (Note 3)
150
550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com