Electronic Components Datasheet Search
  English  ▼

X  

B7679 Datasheet(PDF) 6 Page - EPCOS

Part # B7679
Description  SAW Duplexer LTE Band 20
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7679 Datasheet(HTML) 6 Page - EPCOS

Back Button B7679 Datasheet HTML 2Page - EPCOS B7679 Datasheet HTML 3Page - EPCOS B7679 Datasheet HTML 4Page - EPCOS B7679 Datasheet HTML 5Page - EPCOS B7679 Datasheet HTML 6Page - EPCOS B7679 Datasheet HTML 7Page - EPCOS B7679 Datasheet HTML 8Page - EPCOS B7679 Datasheet HTML 9Page - EPCOS B7679 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
December 14, 2010
B7679
847.0 / 806.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Characteristics Antenna-Rx
min.
typ.
@ 25 ˚C
max.
Absolute attenuation
α
0.3
...
750.0
MHz
40
53
dB
832.1
...
833.0
MHz
41
50
dB
833.0
...
862.0
MHz
47
51
dB
873.0
...
903.0
MHz
41
48
dB
1000.0
... 3000.0
MHz
40
50
dB
3000.0
... 6000.0
MHz
30
45
dB
Characteristics Tx-Rx
min.
typ.
@ 25 ˚C
max.
Differential mode isolatipn
α
791.1
...
820.0
MHz
48
54
dB
820.0
...
820.9
MHz
46
58
dB
832.1
...
833.0
MHz
47
55
dB
833.0
...
861.9
MHz
49
55
dB
Common mode isolation
α
832.1
...
861.9
MHz
53
63
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com