Electronic Components Datasheet Search
  English  ▼

X  

B7953 Datasheet(PDF) 5 Page - EPCOS

Part # B7953
Description  SAW duplexer WCDMA band VIII
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7953 Datasheet(HTML) 5 Page - EPCOS

  B7953 Datasheet HTML 1Page - EPCOS B7953 Datasheet HTML 2Page - EPCOS B7953 Datasheet HTML 3Page - EPCOS B7953 Datasheet HTML 4Page - EPCOS B7953 Datasheet HTML 5Page - EPCOS B7953 Datasheet HTML 6Page - EPCOS B7953 Datasheet HTML 7Page - EPCOS B7953 Datasheet HTML 8Page - EPCOS B7953 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
September 28, 2009
B7953
897.5 / 942.5 MHz
SAW Components
SAW duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings
Operable temperature
range1)
1) Defines the temperature range in which the SAW device keeps its typical characteristics, however the
specification values are not guaranteed.
T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1002)
2) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
Annotation for characteristics section
Attenuation of WCDMA signal (“Powertransferfunction”,
α
WCDMA) is determined by
fCarrier according to 3GPP TS 25.101 (e.g. for UMTS-Passband, fCarrier ranges from 2112.4 MHz
(lowest Rx channel) to 2167.6 MHz (highest Rx channel)). HRRC(f) is the transfer function of the
root-raised cosine transmit pulse shaping filter according to 3GPP TS 25.101 with the following
normalization:
V
machine model, 10 pulses
Input power at
PIN
880.0 ... 915.0 MHz
elsewhere
30
10
dBm
dBm
continuous wave
55 ˚C, 10000 h
S
s
d21 f
()H
RRC ff Carrier
–
()
2
f
d
∞
∞
∫
H
RRC f
()
2
f1
=
d
∞
∞
∫
}



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com