Electronic Components Datasheet Search
  English  ▼

X  

B8553 Datasheet(PDF) 8 Page - EPCOS

Part # B8553
Description  SAW Duplexer Cellular / WCDMA Band V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8553 Datasheet(HTML) 8 Page - EPCOS

Back Button B8553 Datasheet HTML 4Page - EPCOS B8553 Datasheet HTML 5Page - EPCOS B8553 Datasheet HTML 6Page - EPCOS B8553 Datasheet HTML 7Page - EPCOS B8553 Datasheet HTML 8Page - EPCOS B8553 Datasheet HTML 9Page - EPCOS B8553 Datasheet HTML 10Page - EPCOS B8553 Datasheet HTML 11Page - EPCOS B8553 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
April 15, 2011
B8553
836.50 / 881.50 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Preliminary Data
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=
50
Ω ll 14 nH
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =
50
Characteristics TX - RX
min.
typ.
@ 25 ˚C
max.
Isolation
824.0
...
849.0
MHz
60
67
dB
@fCarrier 826.4 ...
846.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (9).
602)
2) Temperature range for this parameter is -20oC to +85oC.
68
dB
869.0
...
894.0
MHz
50
54
dB
@fCarrier 871.4 ...
891.6
MHz
α
WCDMA
1)
502)
53
dB
1574.0
... 1577.0
MHz
40
72
dB
1638.0
... 1708.0
MHz
20
71
dB
2462.0
... 2557.0
MHz
20
63
dB
Common Mode Isolation
824.0
...
849.0
MHz
55
60
dB
@fCarrier 826.4 ...
846.6
MHz
α
WCDMA
1)
552)
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com