Electronic Components Datasheet Search
  English  ▼

X  

B8755 Datasheet(PDF) 3 Page - EPCOS

Part # B8755
Description  SAW filter Digital radio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8755 Datasheet(HTML) 3 Page - EPCOS

  B8755 Datasheet HTML 1Page - EPCOS B8755 Datasheet HTML 2Page - EPCOS B8755 Datasheet HTML 3Page - EPCOS B8755 Datasheet HTML 4Page - EPCOS B8755 Datasheet HTML 5Page - EPCOS B8755 Datasheet HTML 6Page - EPCOS B8755 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
March 14, 2008
B8755
1472.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –10 ˚C to +70 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
1472.00
—
MHz
Maximum insertion attenuation
α
max
1452.0
... 1492.0
MHz
—
1.7
2.0
dB
Amplitude ripple (p-p)
∆α
1452.0
... 1492.0
MHz
—
0.8
1.0
dB
Input return loss
9.0
10.0
—
dB
Output return loss
9.0
10.5
—
dB
Attenuation
α
880.0
...
915.0
MHz
30
38
—
dB
1410.0
MHz
20
42
—
dB
1530.0
... 1570.0
MHz
20
27
—
dB
1575.0
MHz
30
36
—
dB
1710.0
... 1785.0
MHz
30
36
—
dB
1920.0
... 1980.0
MHz
30
46
—
dB
2400.0
... 2500.0
MHz
30
38
—
dB
Group delay ripple (p-p)
1452.0
... 1492.0
MHz
—
12
25
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com