Electronic Components Datasheet Search
  English  ▼

X  

B8764 Datasheet(PDF) 5 Page - EPCOS

Part # B8764
Description  SAW band-stop filter DVB-H
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8764 Datasheet(HTML) 5 Page - EPCOS

  B8764 Datasheet HTML 1Page - EPCOS B8764 Datasheet HTML 2Page - EPCOS B8764 Datasheet HTML 3Page - EPCOS B8764 Datasheet HTML 4Page - EPCOS B8764 Datasheet HTML 5Page - EPCOS B8764 Datasheet HTML 6Page - EPCOS B8764 Datasheet HTML 7Page - EPCOS B8764 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
August 03, 2010
B8764
836.5 / 897.5 MHz
SAW Components
SAW band-stop filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Transfer function
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Source power at
GSM 850, GSM 900
Tx bands
PIN
24
dBm
effective power in the on-state
duty cycle 2:8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com