Electronic Components Datasheet Search
  English  ▼

X  

B8766 Datasheet(PDF) 5 Page - EPCOS

Part # B8766
Description  SAW band-stop filter DVB-H / DVB-T / ISDB-TB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8766 Datasheet(HTML) 5 Page - EPCOS

  B8766 Datasheet HTML 1Page - EPCOS B8766 Datasheet HTML 2Page - EPCOS B8766 Datasheet HTML 3Page - EPCOS B8766 Datasheet HTML 4Page - EPCOS B8766 Datasheet HTML 5Page - EPCOS B8766 Datasheet HTML 6Page - EPCOS B8766 Datasheet HTML 7Page - EPCOS B8766 Datasheet HTML 8Page - EPCOS B8766 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
August 31, 2009
B8766
897.5 MHz
SAW Components
SAW band–stop filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
Matching network (element values depend on PCB layout)
min.
typ.
@ 25 ˚C
max.
Nominal center frequency
fN
897.5
MHz
Minimum insertion attenuation
α
min
470.00 ...
862.00 MHz
1.3
1.6
dB
Maximum insertion attenuation
α
max
470.00 ...
750.00 MHz
1.8
2.0
dB
750.00 ...
798.00 MHz
1.7
2.0
dB
798.00 ...
858.00 MHz
3.4
5.0
dB
858.00 ...
862.00 MHz
4.1
7.0
dB
Attenuation
α
174.00 ...
230.00 MHz
37.0
40.0
dB
880.00 ...
915.00 MHz
26.0
41.0
dB
1710.00 ... 1785.00 MHz
25.0
28.0
dB
1920.00 ... 1980.00 MHz
30.0
34.0
dB
Ls1 = 16 nH
Lp2 = 20 nH
Lp3 = 15 nH
Ls4 = 20 nH
Q factor of inductors:
40 @ 770 MHz
Lp2
Ls1
Ls4
1
2
3
4
Lp3
55



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com