Electronic Components Datasheet Search
  English  ▼

X  

B9443 Datasheet(PDF) 5 Page - EPCOS

Part # B9443
Description  SAW Tx filter AWS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9443 Datasheet(HTML) 5 Page - EPCOS

  B9443 Datasheet HTML 1Page - EPCOS B9443 Datasheet HTML 2Page - EPCOS B9443 Datasheet HTML 3Page - EPCOS B9443 Datasheet HTML 4Page - EPCOS B9443 Datasheet HTML 5Page - EPCOS B9443 Datasheet HTML 6Page - EPCOS B9443 Datasheet HTML 7Page - EPCOS B9443 Datasheet HTML 8Page - EPCOS B9443 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
January 25, 2010
B9443
1732.50 MHz
SAW Components
SAW Tx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input power at
1710 MHz ... 1755 MHz
PIN
10
dBm
continuous wave



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com