Electronic Components Datasheet Search
  English  ▼

X  

B9467 Datasheet(PDF) 3 Page - EPCOS

Part # B9467
Description  SAW filter TD-SCDMA 2100
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9467 Datasheet(HTML) 3 Page - EPCOS

  B9467 Datasheet HTML 1Page - EPCOS B9467 Datasheet HTML 2Page - EPCOS B9467 Datasheet HTML 3Page - EPCOS B9467 Datasheet HTML 4Page - EPCOS B9467 Datasheet HTML 5Page - EPCOS B9467 Datasheet HTML 6Page - EPCOS B9467 Datasheet HTML 7Page - EPCOS B9467 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Sep 21, 2010
B9467
2017.5 MHz
SAW Components
SAW Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
–30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 200 Ω
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
2017.5
—
MHz
Maximum insertion attenuation
α
max
2010.0 ... 2025.0
MHz
—
1.6
2.6
dB
Amplitude ripple (p-p)
∆α
2010.0 ... 2025.0
MHz
—
0.2
1.2
dB
Input VSWR
2010.0 ... 2025.0
MHz
—
1.5
2.0
Output VSWR
2010.0 ... 2025.0
MHz
—
1.4
2.0
Group delay ripple (p-p)
2010.0 ... 2025.0
MHz
—
4
20
ns
Common mode rejection ratio
2010.0 ... 2025.0
MHz
20
29
—
dB
Attenuation
α
0
... 1840.0
MHz
50
56
—
dB
1840.0 ... 1935.0
MHz
25
36
—
dB
1935.0 ... 1970.0
MHz
22
25
—
dB
1970.0 ... 1980.0
MHz
15
25
—
dB
1980.0 ... 1990.0
MHz
6
12
—
dB
2045.0 ... 2085.0
MHz
3
14
—
dB
2085.0 ... 2120.0
MHz
22
26
—
dB
2120.0 ... 2160.0
MHz
27
33
—
dB
2160.0 ... 2300.0
MHz
34
38
—
dB
2300.0 ... 2700.0
MHz
35
40
—
dB
2700.0 ... 2900.0
MHz
35
37
—
dB
2900.0 ... 6000.0
MHz
35
49
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com