Electronic Components Datasheet Search
  English  ▼

X  

B9477 Datasheet(PDF) 3 Page - EPCOS

Part # B9477
Description  SAW Filter PCS / WCDMA band II
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9477 Datasheet(HTML) 3 Page - EPCOS

  B9477 Datasheet HTML 1Page - EPCOS B9477 Datasheet HTML 2Page - EPCOS B9477 Datasheet HTML 3Page - EPCOS B9477 Datasheet HTML 4Page - EPCOS B9477 Datasheet HTML 5Page - EPCOS B9477 Datasheet HTML 6Page - EPCOS B9477 Datasheet HTML 7Page - EPCOS B9477 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
February 07, 2011
B9477
1960.0 MHz
SAW Components
SAW Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω (unbalanced)
Terminating load impedance:
ZL =50 Ω (unbalanced)
min.
typ.
@ 25˚C
max.
Center frequency
fC
-
1960.0
-
MHz
Maximum insertion attenuation
α
max
1930.6
... 1989.4
MHz
-
2.6
4.2 1)
1) 4.0dB for T= 0...85˚C
dB
Amplitude ripple (p-p)
∆α
1930.6
... 1989.4
MHz
-
1.1
2.6
dB
Input return loss
1930.6
... 1989.4
MHz
-
1.8
2.3
Output return loss
1930.6
... 1989.4
MHz
-
2.0
2.4
Attenuation
α
DC
... 1500.0
MHz
43
51
-
dB
1500.0
... 1907.0
MHz
43
48
-
dB
1907.0
... 1909.4
MHz
43
51
-
dB
2040.0
... 2070.0
MHz
35
55
-
dB
2070.0
... 2500.0
MHz
35
46
-
dB
2500.0
... 4500.0
MHz
31
37
-
dB
4500.0
... 5200.0
MHz
31
36
-
dB
5200.0
... 6000.0
MHz
22
30
-
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com